features ? glass passivated device ? ideal for surface mouted applications ? low leakage current ? metallurgically bonded construction mechanical data ? case:jedec do-213ab,molded plastic over passivated chip ? terminals:solder plated, solderable per mil-std-750, method 2026 ? polarity: color band denotes cathode end ? weight: 0.0046 ounces, 0.116 gram ? mounting position: any maximum ratings and electrical characteristics ratings at 25 ?? ambient temperature unless otherwise specified. single p hase,half wave,60hz,resistive or inductive load.for capactive load,derate current by 20%. 4001 4003 4004 4005 4006 4007 maximum recurrent peak reverse voltage v rrm 50 200 400 600 800 1000 v maximum rms voltage v rms 35 140 280 420 560 700 v maximum dc blocking voltage v dc 50 200 400 600 800 1000 v maximum average forword rectified current t a =75 ?? peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (jedec method) maximum forward voltage at 1.0a v f v maximum dc reverse current @t a =25 ?? at rated dc blockjing voltage @t a =125 ?? typical junction capacitance (note 1) c j pf typical thermal resistance (note 2) r j l ?? /w typical thermal resistance (note 3) r j a ?? /w operating temperature range t j ?? storage temperature range t stg ?? 2. thermal resistance junction to lead, 6.0 mm 2 coppeer pads to each terminal. 3. thermal resistance junction to ambient, 6.0 mm 2 coppeer pads to each terminal. i fsm 1.1 - 55 --- + 1 75 a melf 70 100 | a 15 30 20 50 4002 units suf 50 100 5.0 notes:1. measured at 1.0mhz and applied average voltage of 4.0v dc. a i r - 55 --- + 1 75 i (av) 1.0 suf 4001 thru suf 4007 general purpose silicon rectifier reverse voltage - 50 to 1000 volts forward current - 1.0 ampere www.shunyegroup.com.cn suf suf suf suf suf suf
fig. 2 - maximum non-repetitive forward peak forward surge current, (a) number of cycles at 60hz surge current 12 4 6 8 10 20 40 60 80 100 50 40 30 20 10 0 8.3ms single half sine-wave (jeded method) fig. 1 - typical forward current average forward current, (a) ambient temperature, ( ) derating curve 1.0 .8 .6 .4 .2 0 0 25 50 75 100 125 150 175 single phase half wave 60hz resistive or inductive load fig. 3 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) pulse width = 300us 1% duty cycle 10 1.0 .1 .01 . 4 . 6 . 8 1. 0 1. 2 1. 4 1.6 t j = 25 t j = 100 t j = 25 fig. 4 - typical reverse characteristics instantaneous reverse current, (ua) percent of rated peak reverse voltage, (%) 0 20 40 60 80 100 120 140 .01 .04 .1 .4 10 1.0 junction capacitance, (pf) fig. 5 - typical junction capacitance reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 t j = 25 www.shunyegroup.com.cn
|